Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP36 Datasheet (PDF) - Mospec Semiconductor

TIP36 Datasheet PDF - Mospec Semiconductor
Part # TIP36
Download  TIP36 Download

File Size   154.7 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(25A,40-100V,125W)

TIP36 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP36 Datasheet PDF - Mospec Semiconductor

Part # TIP36
Download  TIP36 Click to download

File Size   154.7 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(25A,40-100V,125W)

TIP36 Datasheet (HTML) - Mospec Semiconductor

TIP36 Datasheet HTML 1Page - Mospec Semiconductor TIP36 Datasheet HTML 2Page - Mospec Semiconductor TIP36 Datasheet HTML 3Page - Mospec Semiconductor

TIP36 Product details





Similar Part No. - TIP36

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIP36 POINN-TIP36 Datasheet
93Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP36 SAVANTIC-TIP36 Datasheet
170Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
TIP36 ISC-TIP36 Datasheet
154Kb / 4P
   Silicon PNP Power Transistors
logo
Central Semiconductor C...
TIP36 CENTRAL-TIP36 Datasheet
272Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Comset Semiconductor
TIP36 COMSET-TIP36 Datasheet
80Kb / 4P
   SILICON POWER TRANSISTORS
More results


Similar Description - TIP36

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
TIP35 NELLSEMI-TIP35 Datasheet
246Kb / 3P
   Complementary Silicon Power Transistor 25A/40~100V/125W
logo
Mospec Semiconductor
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
TIP35D MOSPEC-TIP35D Datasheet
164Kb / 3P
   POWER TRANSISTORS(25A,120-160V,125W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
   POWER TRANSISTORS(16A,60-100V,125W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
   POWER TRANSISTORS(8A,125W)
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
TIP33 MOSPEC-TIP33 Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,40-100V,80W)
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com