|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
104-AIO12-8 - 12-bit, 8-channel A/D, 4 analog outputs and 24 digital I/O - Advanced Digital Logic, Inc. |
|
Click 104-AIO12-8 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LTC1594_1 | 4- and 8-Channel Micropower Sampling 12-Bit Serial I/O A/D Converters | Linear Technology |
| ADC12130_06 | Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold | National Semiconductor |
| 74LCX162541 | Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs | STMicroelectronics |
| AKD5356 | digital audio 20bit A/D converter with Pre-Amp and Analog Volume. | Asahi Kasei Microsystems |
| 413101 | Visible Light Detector with Analog and Digital Outputs | ETC |
| ADC12L030_06 | 3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold | National Semiconductor |
| ADC12030_07 | Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold | National Semiconductor |
| ADC12H030 | Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold | National Semiconductor |
| ADC12DC080 | Dual 12-Bit 80/105 MSPS A/D Converter with CMOS Outputs | National Semiconductor |
Link URL |
|
|
Related keyword |
| 104-AIO12-8 Datasheet | 104-AIO12-8 Cross Reference | 104-AIO12-8 Schematic | 104-AIO12-8 Distributor | 104-AIO12-8 Datenblatt | 104-AIO12-8 RoHS |
| 104-AIO12-8 Equivalent | 104-AIO12-8 Application Notes | 104-AIO12-8 Data Sheet | 104-AIO12-8 component | 104-AIO12-8 Fiche Technique | 104-AIO12-8 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |