Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063ACN Datasheet (PDF) - Analog Intergrations Corporation

MC34063ACN Datasheet PDF - Analog Intergrations Corporation
Part # MC34063ACN
Download  MC34063ACN Download

File Size   126.92 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description DC/DC CONVERTER CONTROL CIRCUIT

MC34063ACN Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34063ACN Datasheet PDF - Analog Intergrations Corporation

Part # MC34063ACN
Download  MC34063ACN Click to download

File Size   126.92 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description DC/DC CONVERTER CONTROL CIRCUIT

MC34063ACN Datasheet (HTML) - Analog Intergrations Corporation

MC34063ACN Datasheet HTML 1Page - Analog Intergrations Corporation MC34063ACN Datasheet HTML 2Page - Analog Intergrations Corporation MC34063ACN Datasheet HTML 3Page - Analog Intergrations Corporation MC34063ACN Datasheet HTML 4Page - Analog Intergrations Corporation MC34063ACN Datasheet HTML 5Page - Analog Intergrations Corporation MC34063ACN Datasheet HTML 6Page - Analog Intergrations Corporation MC34063ACN Datasheet HTML 7Page - Analog Intergrations Corporation MC34063ACN Datasheet HTML 8Page - Analog Intergrations Corporation MC34063ACN Datasheet HTML 9Page - Analog Intergrations Corporation

MC34063ACN Product details

DESCRIPTION

The MC34063A by Analog Integrations Corporation, an improved second source over the industrial standard MC34063A, is a monolithic control circuit containing the primary functions required for DC/DC converters.



FEATURES    

3V to 30V Input Voltage Operation.

Internal 1.6A Peak Current Switch.

Internal ±1.8% Reference.

Low Quiescent Current at 1.6mA.

Frequency Operation from 100Hz to 100KHz.

Current Limiting.



APPLICATIONS

Saver for Cellular phones

DC-DC Converter Module




Similar Part No. - MC34063ACN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC34063ACN STMICROELECTRONICS-MC34063ACN Datasheet
130Kb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
MC34063ACN STMICROELECTRONICS-MC34063ACN Datasheet
1Mb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
March 2001
logo
Analog Intergrations Co...
MC34063ACN AIC-MC34063ACN Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
STMicroelectronics
MC34063ACN STMICROELECTRONICS-MC34063ACN Datasheet
993Kb / 23P
   DC/DC converter control circuits
More results


Similar Description - MC34063ACN

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP35063 SEME-LAB-IP35063 Datasheet
57Kb / 5P
   DC-DC CONVERTER CONTROL CIRCUIT
logo
ADDtek Corp
AMC7660 ADDTEK-AMC7660 Datasheet
276Kb / 11P
   DC - DC CONVERTER CONTROL CIRCUIT
JUNE 2006
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com