Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0611R2 Datasheet (PDF) - Fairchild Semiconductor

HCPL0611R2 Datasheet PDF - Fairchild Semiconductor
Part # HCPL0611R2
Download  HCPL0611R2 Download

File Size   3106.01 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Speed-10 MBit/s Logic Gate Optocouplers

HCPL0611R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL0611R2 Datasheet PDF - Fairchild Semiconductor

Part # HCPL0611R2
Download  HCPL0611R2 Click to download

File Size   3106.01 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Speed-10 MBit/s Logic Gate Optocouplers

HCPL0611R2 Datasheet (HTML) - Fairchild Semiconductor

Back Button HCPL0611R2 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0611R2 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

HCPL0611R2 Product details

Description
The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices). The devices are housed in a compact small-outline package. This output features an open collector, thereby permitting wired OR outputs. The HCPL0600 and HCPL0601 output consists of bipolar transistors on a bipolar process while the HCPL0611, HCPL0630 and HCPL0631 output consists of bipolar transistors on a CMOS process for reduced power consumption. The coupled parameters are guaranteed over the temperature range of - 40°C to +85°C. A maximum input signal of 5 mA will provide a minimum output sink current of 13 mA (fan out of 8). An internal noise shield provides superior common mode rejection.

Features
■ Compact SO8 package
■ Very high speed-10 MBit/s
■ Superior CMR
■ Fan-out of 8 over -40°C to +85°C
■ Logic gate output
■ Strobable output (single channel devices)
■ Wired OR-open collector
■ U.L. recognized (File # E90700)
■ VDE approval pending

Applications
■ Ground loop elimination
■ LSTTL to TTL, LSTTL or 5-volt CMOS
■ Line receiver, data transmission
■ Data multiplexing




Similar Part No. - HCPL0611R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611 FAIRCHILD-HCPL0611 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Similar Description - HCPL0611R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com