Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD17N08LTM Datasheet (PDF) - Fairchild Semiconductor

FQD17N08LTM Datasheet PDF - Fairchild Semiconductor
Part # FQD17N08LTM
Download  FQD17N08LTM Download

File Size   1214.85 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓

FQD17N08LTM Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD17N08LTM Datasheet PDF - Fairchild Semiconductor

Part # FQD17N08LTM
Download  FQD17N08LTM Click to download

File Size   1214.85 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓

FQD17N08LTM Datasheet (HTML) - Fairchild Semiconductor

FQD17N08LTM Datasheet HTML 1Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 2Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 3Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 4Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 5Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 6Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 7Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 8Page - Fairchild Semiconductor

FQD17N08LTM Product details

General Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology is especially tailored to minimize on-state resistance, provide superior switching performance, and withstand a high energy pulse in the avalanche and commutation modes. These devices are well suited for low voltage applications such as automotive, high efficiency switching for DC/DC converters, and DC motor control.



Features

• 12.9A, 80V, RDS(on)= 0.1Ω@VGS= 10 V

• Low gate charge ( typical 8.8 nC)

• Low Crss ( typical 29 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability

• Low level gate drive requirements allowing direct operation from logic drives




Similar Part No. - FQD17N08LTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
More results


Similar Description - FQD17N08LTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
logo
NXP Semiconductors
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQU8P10TU FAIRCHILD-FQU8P10TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQD10N20LTM FAIRCHILD-FQD10N20LTM Datasheet
765Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com