Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3H411NIP Datasheet (PDF) - Sharp Corporation

PC3H411NIP Datasheet PDF - Sharp Corporation
Part # PC3H411NIP
Download  PC3H411NIP Download

File Size   189.98 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler

PC3H411NIP Datasheet (PDF)

Go To PDF Page Download Datasheet
PC3H411NIP Datasheet PDF - Sharp Corporation

Part # PC3H411NIP
Download  PC3H411NIP Click to download

File Size   189.98 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler

PC3H411NIP Datasheet (HTML) - Sharp Corporation

Back Button PC3H411NIP Datasheet HTML 1Page - Sharp Corporation PC3H411NIP Datasheet HTML 2Page - Sharp Corporation PC3H411NIP Datasheet HTML 3Page - Sharp Corporation PC3H411NIP Datasheet HTML 4Page - Sharp Corporation PC3H411NIP Datasheet HTML 5Page - Sharp Corporation PC3H411NIP Datasheet HTML 6Page - Sharp Corporation PC3H411NIP Datasheet HTML 7Page - Sharp Corporation PC3H411NIP Datasheet HTML 8Page - Sharp Corporation PC3H411NIP Datasheet HTML 9Page - Sharp Corporation PC3H411NIP Datasheet HTML 10Page - Sharp Corporation Next Button 

PC3H411NIP Product details

■ Description
PC3H41xNIP Series contains a IRED optically coupled to a phototransistor.
It is packaged in a 4-pin Mini-flat, half pitch type.
Input-output isolation voltage(rms) is 2.5kV.
Collector-emitter Voltage is 80V(∗), CTR is 50% to
400% at input current of ±0.5mA, and CMR is MIN.
10kV/µs.

■ Features
1. 4-pin Mini-flat Half pitch package (Lead pitch : 1.27mm)
2. Double transfer mold package (Ideal for Flow Soldering)
3. AC input type
4. Low input current type (IF=±0.5mA)
5. High collector-emitter voltage (VCEO : 80V(∗))
6. High noise immunity due to high common mode
   rejection voltage (CMR : MIN. 10kV/µs)
7. Isolation voltage between input and output (Viso(rms) : 2.5kV)

■ Applications
1. Programmable controllers
2. Facsimiles
3. Telephones




Similar Part No. - PC3H411NIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results


Similar Description - PC3H411NIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H710NIP0F SHARP-PC3H710NIP0F Datasheet
198Kb / 13P
   Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H711NIP0F SHARP-PC3H711NIP0F Datasheet
198Kb / 13P
   Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
   Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367NJ0000F SHARP-PC367NJ0000F Datasheet
240Kb / 14P
   Mini-flat Package High CMR, Low Input Current Type Photocoupler
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com