Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3232IV Datasheet (PDF) - Intersil Corporation

ICL3232IV Datasheet PDF - Intersil Corporation
Part # ICL3232IV
Download  ICL3232IV Download

File Size   662.78 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers

ICL3232IV Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL3232IV Datasheet PDF - Intersil Corporation

Part # ICL3232IV
Download  ICL3232IV Click to download

File Size   662.78 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers

ICL3232IV Datasheet (HTML) - Intersil Corporation

Back Button ICL3232IV Datasheet HTML 1Page - Intersil Corporation ICL3232IV Datasheet HTML 2Page - Intersil Corporation ICL3232IV Datasheet HTML 3Page - Intersil Corporation ICL3232IV Datasheet HTML 4Page - Intersil Corporation ICL3232IV Datasheet HTML 5Page - Intersil Corporation ICL3232IV Datasheet HTML 6Page - Intersil Corporation ICL3232IV Datasheet HTML 7Page - Intersil Corporation ICL3232IV Datasheet HTML 8Page - Intersil Corporation ICL3232IV Datasheet HTML 9Page - Intersil Corporation ICL3232IV Datasheet HTML 10Page - Intersil Corporation Next Button 

ICL3232IV Product details

One Microamp Supply-Current, +3V to +5.5V, 250kbps, RS-232 Transmitters/Receivers

The Intersil ICL32XX devices are 3.0V to 5.5V powered RS-232 transmitters/receivers which meet ElA/TIA-232 and V.28/V.24 specifications, even at VCC = 3.0V. Targeted applications are PDAs, Palmtops, and notebook and laptop computers where the low operational, and even lower standby, power consumption is critical. Efficient on-chip charge pumps, coupled with manual and automatic powerdown functions (except for the ICL3232), reduce the standby supply current to a 1µA trickle. Small footprint packaging, and the use of small, low value capacitors ensure board space savings as well. Data rates greater than 250kbps are guaranteed at worst case load conditions. This family is fully compatible with 3.3V only systems, mixed 3.3V and 5.0V systems, and 5.0V only systems.

Features
• Pb-Free Plus Anneal Available as an Option (RoHS Compliant) (See Ordering Info)
• 15kV ESD Protected (Human Body Model)
• Drop in Replacements for MAX3221, MAX3222, MAX3223, MAX3232, MAX3241, MAX3243, SP3243
• ICL3221 is Low Power, Pin Compatible Upgrade for 5V MAX221
• ICL3222 is Low Power, Pin Compatible Upgrade for 5V MAX242, and SP312A
• ICL3232 is Low Power Upgrade for HIN232/ICL232 and Pin Compatible Competitor Devices
• RS-232 Compatible with VCC = 2.7V
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External 0.1µF Capacitors
• Manual and Automatic Powerdown Features (Except ICL3232)
• Guaranteed Mouse Driveability (ICL324X Only)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/µs
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State. . . . . . . . . . .1µA

Applications
• Any System Requiring RS-232 Communication Ports
   - Battery Powered, Hand-Held, and Portable Equipment
   - Laptop Computers, Notebooks, Palmtops
   - Modems, Printers and other Peripherals
   - Digital Cameras
   - Cellular/Mobile Phones




Similar Part No. - ICL3232IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IV INTERSIL-ICL3232IV Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232IVZ INTERSIL-ICL3232IVZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3232IVZ RENESAS-ICL3232IVZ Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results


Similar Description - ICL3232IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBNZ-T INTERSIL-ICL3232CBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3241CBZ INTERSIL-ICL3241CBZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221CAZ-T INTERSIL-ICL3221CAZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com