Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NV2312A Datasheet (PDF) - HuaXinAn Electronics CO.,LTD

NV2312A Datasheet PDF - HuaXinAn Electronics CO.,LTD
Part # NV2312A
Download  NV2312A Download

File Size   423.28 Kbytes
Page   1 Pages
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD
Description Heavy contact load switching current up to 30A.

NV2312A Datasheet (PDF)

Go To PDF Page Download Datasheet
NV2312A Datasheet PDF - HuaXinAn Electronics CO.,LTD

Part # NV2312A
Download  NV2312A Click to download

File Size   423.28 Kbytes
Page   1 Pages
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD
Description Heavy contact load switching current up to 30A.

NV2312A Datasheet (HTML) - HuaXinAn Electronics CO.,LTD

NV2312A Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD



Similar Part No. - NV2312A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NV2312ASDC10VN DBLECTRO-NV2312ASDC10VN Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV2312ASDC10VS DBLECTRO-NV2312ASDC10VS Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV2312ASDC12VN DBLECTRO-NV2312ASDC12VN Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV2312ASDC12VS DBLECTRO-NV2312ASDC12VS Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV2312ASNILDC10V0.55 DBLECTRO-NV2312ASNILDC10V0.55 Datasheet
115Kb / 2P
   Small size, light weight(8g)
More results


Similar Description - NV2312A

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NV23K-C HUAXINAN-NV23K-C Datasheet
375Kb / 1P
   Heavy contact load switching current up to 30A
NV2312C HUAXINAN-NV2312C Datasheet
423Kb / 1P
   Heavy contact load switching current up to 30A.
NV23K-A HUAXINAN-NV23K-A Datasheet
375Kb / 1P
   Heavy contact load switching current up to 30A.
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
List of Unclassifed Man...
G53AD-DC110 ETC-G53AD-DC110 Datasheet
54Kb / 2P
   Miniature Type, Heavy contact load up to 4000VA
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
   Small size and light weight. Heavy contact load (30A).
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
   Small size and light weight. Heavy contact load (30A)
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
A11ASQ12VDC1.2 CIT-A11ASQ12VDC1.2 Datasheet
104Kb / 3P
   Switching capacity up to 30A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com