Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1213A-04S-7 Datasheet (PDF) - Diodes Incorporated

D1213A-04S-7 Datasheet PDF - Diodes Incorporated
Part # D1213A-04S-7
Download  D1213A-04S-7 Download

File Size   140.02 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY

D1213A-04S-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1213A-04S-7 Datasheet PDF - Diodes Incorporated

Part # D1213A-04S-7
Download  D1213A-04S-7 Click to download

File Size   140.02 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY

D1213A-04S-7 Datasheet (HTML) - Diodes Incorporated

D1213A-04S-7 Datasheet HTML 1Page - Diodes Incorporated D1213A-04S-7 Datasheet HTML 2Page - Diodes Incorporated D1213A-04S-7 Datasheet HTML 3Page - Diodes Incorporated D1213A-04S-7 Datasheet HTML 4Page - Diodes Incorporated D1213A-04S-7 Datasheet HTML 5Page - Diodes Incorporated

D1213A-04S-7 Product details

Features
• IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• 4 Channels of ESD Protection
• Low Channel Input Capacitance of 0.85pF Typical
• Typically Used at High Speed Ports such as USB 2.0, IEEE1394, Serial ATA, DVI, HDMI, PCI
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - D1213A-04S-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Similar Description - D1213A-04S-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04SO DIODES-D1213A-04SO Datasheet
123Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LP DIODES-D3V3F4U10LP Datasheet
404Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04TS-7 DIODES-D1213A-04TS-7 Datasheet
147Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LPQ DIODES-D3V3F4U10LPQ Datasheet
416Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2021 Rev. 1 - 2
D3V3XS4B10LP DIODES-D3V3XS4B10LP Datasheet
360Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2018 Rev. 1 - 2
DRTR5V0U4S DIODES-DRTR5V0U4S Datasheet
126Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U4SL DIODES-DRTR5V0U4SL Datasheet
194Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1240-04LP DIODES-DT1240-04LP Datasheet
238Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com