Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX900 Datasheet (PDF) - Extech Instruments Corporation.

EX900 Datasheet PDF - Extech Instruments Corporation.
Part # EX900
Download  EX900 Download

File Size   140.42 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description ExStik짰 4-in-1 Water Quality Meter Kits

EX900 Datasheet (PDF)

Go To PDF Page Download Datasheet
EX900 Datasheet PDF - Extech Instruments Corporation.

Part # EX900
Download  EX900 Click to download

File Size   140.42 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description ExStik짰 4-in-1 Water Quality Meter Kits

EX900 Datasheet (HTML) - Extech Instruments Corporation.

EX900 Datasheet HTML 1Page - Extech Instruments Corporation.

EX900 Product details

ExStik® Waterproof Refillable pH Meter
Features flat surface electrode, RENEW and CALibration alerts, memory, and bargraph
Indicator tells you it’s time to replace your electrode and eliminates guesswork

Features:
✓ Refillable pH electrode is easily serviced. Fresh reference
   solution maintains high accuracy. Eliminates concern with
   shelf life.
✓ Flat Surface Electrode measures pH in liquids, semi-solids, and
   solids. No more electrode breakage or clogged junctions.
✓ CAL alerts tells you it’s time to recalibrate. Ensures accuracy.
✓ Memory records and recalls 15 sequentially tagged readings.
   Allows detection of changes over time.
• Analog bargraph displayed on LCD.
   Shows trends in acidity or alkalinity.
• 1, 2 or 3 point calibration automatically recognizes buffer
   solutions. Order pH buffers separately.
• Automatic Temperature Compensation
• Simultaneous display of pH and Temperature
• Waterproof to IP57 standard
• Display indicates when the reading is stabilized
• Data Hold, Auto power off and low battery indication
• Waterproof design floats in water and
   protects the meter in wet environment
• Interchangeable probes available for Chlorine & ORP
• Optional weighted base (EX006) holds plastic cup and
   ExStik® meter
• Complete with refillable flat surface pH electrode, 1.5mL bottle
   KCI, 2 reference junctions, 2 removal tools, protective sensor
   cap, sample cup with cap, four 3V CR-2032 button batteries,
   and 48" (1.2m) neckstrap. Order pH buffers separately




Similar Part No. - EX900

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX94006-00-1-AA AXIOMTEK-EX94006-00-1-AA Datasheet
659Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX94008-00-1-AA AXIOMTEK-EX94008-00-1-AA Datasheet
659Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX94026-1A-1-AA AXIOMTEK-EX94026-1A-1-AA Datasheet
659Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX94026-1B-1-AA AXIOMTEK-EX94026-1B-1-AA Datasheet
659Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
More results


Similar Description - EX900

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX800 EXTECH-EX800 Datasheet
140Kb / 1P
   ExStik짰 4-in-1 Water Quality Meter Kits
RE300 EXTECH-RE300_15 Datasheet
111Kb / 1P
   ExStik짰 ORP Waterproof Meter
PH100 EXTECH-PH100_15 Datasheet
185Kb / 1P
   Waterproof ExStik짰 pH Meter
PH110 EXTECH-PH110 Datasheet
200Kb / 1P
   ExStik짰 Waterproof Refillable pH Meter
logo
TT Electronics.
DS1015 TTELEC-DS1015 Datasheet
300Kb / 1P
   Water Meter
logo
Extech Instruments Corp...
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
   Waterproof ExStik짰 II pH/Conductivity Meter
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
   Waterproof ExStik짰 II pH/Conductivity Meter
logo
Eaton All Rights Reserv...
HFA EATON-HFA Datasheet
213Kb / 1P
   1/4??x 1 1/4??in-line water-resistant fuse
logo
Extech Instruments Corp...
EA80 EXTECH-EA80_15 Datasheet
188Kb / 1P
   Indoor Air Quality Meter/Datalogger
EA80 EXTECH-EA80 Datasheet
231Kb / 1P
   Indoor Air Quality Meter/Datalogger
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com