Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY228GP Datasheet (PDF) - SUNMATE electronic Co., LTD

BY228GP Datasheet PDF - SUNMATE electronic Co., LTD
Part # BY228GP
Download  BY228GP Download

File Size   223.81 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 3.0A Axial Leaded Sintered Class Junction Plastic Rectifier

BY228GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BY228GP Datasheet PDF - SUNMATE electronic Co., LTD

Part # BY228GP
Download  BY228GP Click to download

File Size   223.81 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 3.0A Axial Leaded Sintered Class Junction Plastic Rectifier

BY228GP Datasheet (HTML) - SUNMATE electronic Co., LTD

BY228GP Datasheet HTML 1Page - SUNMATE electronic Co., LTD BY228GP Datasheet HTML 2Page - SUNMATE electronic Co., LTD

BY228GP Product details

Features
● High temperature metallurgically bonded construction
● Sintered glass cavity free junction
● Capability of meeting environmental standard of MIL-S-19500
● High temperature soldering guaranteed 350°C /10sec/0.375”lead length at 5 lbs tension
● Operate at Ta =55°C with no thermal run away
● Typical Ir<0.1µA




Similar Part No. - BY228GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
   Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
BY228GP VISHAY-BY228GP Datasheet
78Kb / 5P
   Clamper / Damper Glass Passivated Fast Plastic Rectifier
01-Jan-2022
BY228GP VISHAY-BY228GP_V01 Datasheet
78Kb / 5P
   Clamper / Damper Glass Passivated Fast Plastic Rectifier
01-Jan-2022
More results


Similar Description - BY228GP

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BY448GP SUNMATE-BY448GP Datasheet
116Kb / 2P
   2.0A Axial Leaded Sintered Class Junction Plastic Rectifier
BYW178 SUNMATE-BYW178 Datasheet
153Kb / 2P
   3.0A Axial Leaded Sintered Glass Junction
logo
Gulf Semiconductor
GUFB30J GULFSEMI-GUFB30J Datasheet
82Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
logo
SUNMATE electronic Co.,...
1N5400 SUNMATE-1N5400 Datasheet
80Kb / 2P
   3.0A Axial Leaded Rectifier
logo
Gulf Semiconductor
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
logo
SUNMATE electronic Co.,...
SBYV28-50 SUNMATE-SBYV28-50 Datasheet
172Kb / 2P
   3.0A Axial Leaded Soft Recovery Ultrafast Plastic Rectifier
logo
Gulf Semiconductor
DGP30W GULFSEMI-DGP30W Datasheet
145Kb / 2P
   DAMPER SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
ERB12JGP GULFSEMI-ERB12JGP Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com