Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1605 Datasheet (PDF) - Macronix International

MX25L1605 Datasheet PDF - Macronix International
Part # MX25L1605
Download  MX25L1605 Download

File Size   754.06 Kbytes
Page   45 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description Macronix NBitTM Memory Family

MX25L1605 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX25L1605 Datasheet PDF - Macronix International

Part # MX25L1605
Download  MX25L1605 Click to download

File Size   754.06 Kbytes
Page   45 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description Macronix NBitTM Memory Family

MX25L1605 Datasheet (HTML) - Macronix International

Back Button MX25L1605 Datasheet HTML 1Page - Macronix International MX25L1605 Datasheet HTML 2Page - Macronix International MX25L1605 Datasheet HTML 3Page - Macronix International MX25L1605 Datasheet HTML 4Page - Macronix International MX25L1605 Datasheet HTML 5Page - Macronix International MX25L1605 Datasheet HTML 6Page - Macronix International MX25L1605 Datasheet HTML 7Page - Macronix International MX25L1605 Datasheet HTML 8Page - Macronix International MX25L1605 Datasheet HTML 9Page - Macronix International MX25L1605 Datasheet HTML 10Page - Macronix International Next Button 

MX25L1605 Product details

GENERAL DESCRIPTION

The MX25L1605 is a CMOS 16,777,216 bit serial eLiteFlashTM Memory, which is configured as 2,097,152 x 8 internally. The MX25L1605 features a serial peripheral interface and software protocol allowing operation on a simple 3- wire bus. The three bus signals are a clock input (SCLK), a serial data input (SI), and a serial data output (SO). SPI access to the device is enabled by CS# input.

The MX25L1605 provide sequential read operation on whole chip. User may start to read from any byte of the array. While the end of the array is reached, the device will wrap around to the beginning of the array and continuously outputs data until CS# goes high.




Similar Part No. - MX25L1605

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
MX25L1605D MCNIX-MX25L1605D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1605DM1I-12G MCNIX-MX25L1605DM1I-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1605DM2I-12G MCNIX-MX25L1605DM2I-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1605DMI-12G MCNIX-MX25L1605DMI-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Similar Description - MX25L1605

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX26F128J3 ETC1-MX26F128J3 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
logo
Intel Corporation
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
   WORD-WIDE FlashFile MEMORY FAMILY
28F160S3 INTEL-28F160S3 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
NXP Semiconductors
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
SPANSION
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10DHIV10 SPANSION-S29GL128S10DHIV10 Datasheet
906Kb / 106P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com