Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR193L3 Datasheet (PDF) - Infineon Technologies AG

BFR193L3 Datasheet PDF - Infineon Technologies AG
Part # BFR193L3_12
Download  BFR193L3 Download

File Size   501.19 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description For low noise, high-gain amplifiers up to 2 GHz

BFR193L3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR193L3 Datasheet PDF - Infineon Technologies AG

Part # BFR193L3_12
Download  BFR193L3 Click to download

File Size   501.19 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description For low noise, high-gain amplifiers up to 2 GHz

BFR193L3 Datasheet (HTML) - Infineon Technologies AG

BFR193L3_12 Datasheet HTML 1Page - Infineon Technologies AG BFR193L3_12 Datasheet HTML 2Page - Infineon Technologies AG BFR193L3_12 Datasheet HTML 3Page - Infineon Technologies AG BFR193L3_12 Datasheet HTML 4Page - Infineon Technologies AG BFR193L3_12 Datasheet HTML 5Page - Infineon Technologies AG BFR193L3_12 Datasheet HTML 6Page - Infineon Technologies AG



Similar Part No. - BFR193L3_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3_07 Datasheet
51Kb / 6P
   NPN Silicon RF Transistor
2007-03-30
More results


Similar Description - BFR193L3_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR193W INFINEON-BFR193W_14 Datasheet
660Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2014-04-07
logo
Siemens Semiconductor G...
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
   NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
logo
Siemens Semiconductor G...
BFY196 SIEMENS-BFY196 Datasheet
120Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
BFP193 SIEMENS-BFP193 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com