Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPDV21X0RA Datasheet (PDF) - Finisar Corporation.

XPDV21X0RA Datasheet PDF - Finisar Corporation.
Part # XPDV21X0RA
Download  XPDV21X0RA Download

File Size   638.16 Kbytes
Page   5 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 50 GHz Photodetector

XPDV21X0RA Datasheet (PDF)

Go To PDF Page Download Datasheet
XPDV21X0RA Datasheet PDF - Finisar Corporation.

Part # XPDV21X0RA
Download  XPDV21X0RA Click to download

File Size   638.16 Kbytes
Page   5 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 50 GHz Photodetector

XPDV21X0RA Datasheet (HTML) - Finisar Corporation.

XPDV21X0RA Datasheet HTML 1Page - Finisar Corporation. XPDV21X0RA Datasheet HTML 2Page - Finisar Corporation. XPDV21X0RA Datasheet HTML 3Page - Finisar Corporation. XPDV21X0RA Datasheet HTML 4Page - Finisar Corporation. XPDV21X0RA Datasheet HTML 5Page - Finisar Corporation.



Similar Part No. - XPDV21X0RA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
XPDV2320R FINISAR-XPDV2320R Datasheet
635Kb / 5P
   50 GHz dual-window Photodetector
More results


Similar Description - XPDV21X0RA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
XPDV2320R FINISAR-XPDV2320R Datasheet
635Kb / 5P
   50 GHz dual-window Photodetector
HPDV2120R FINISAR-HPDV2120R Datasheet
274Kb / 4P
   50 GHz High-Power Photodetector
XPDV3120R FINISAR-XPDV3120R Datasheet
569Kb / 5P
   70 GHz Photodetector
BPDV3120R FINISAR-BPDV3120R Datasheet
672Kb / 6P
   70 GHz Balanced Photodetector
BPDV21X0R FINISAR-BPDV21X0R Datasheet
678Kb / 6P
   43 GHz Balanced Photodetector
MPDV1120RA FINISAR-MPDV1120RA Datasheet
182Kb / 4P
   35 GHz SMD Photodetector
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
   Ultra-Fast 100 GHz Photodetector
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
More results




About Finisar Corporation.


Finisar Corporation is a company that designs, develops, manufactures, and markets optical communication products. It was founded in 1988 and is headquartered in Sunnyvale, California, United States.

The company's products include optical transceivers, active optical cables, optical engines, optical components, wavelength selective switches, and network performance test and monitoring systems. Finisar's products are used in a wide range of applications, including data communication and telecommunication networks, storage area networks, and high-performance computing.

In December 2018, Finisar was acquired by II-VI Incorporated, a global leader in engineered materials and optoelectronic components.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com