Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1205M Datasheet (PDF) - ON Semiconductor

LB1205M Datasheet PDF - ON Semiconductor
Part # LB1205M
Download  LB1205M Download

File Size   72.67 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Voltage, Large-Current Darlington Driver

LB1205M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1205M Datasheet PDF - ON Semiconductor

Part # LB1205M
Download  LB1205M Click to download

File Size   72.67 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Voltage, Large-Current Darlington Driver

LB1205M Datasheet (HTML) - ON Semiconductor

LB1205M Datasheet HTML 1Page - ON Semiconductor LB1205M Datasheet HTML 2Page - ON Semiconductor LB1205M Datasheet HTML 3Page - ON Semiconductor

LB1205M Product details

Overview
The LB1205M is a 4-unit, high withstand voltage (65V), large-current (1.5A) Darlington driver array with input low active configuration and sync output.

Features
• 4-unit, high withstand voltage design (65V), large-current (1.5A) Darlington driver.
• PNP input type (low active).
• On-chip spark killer diodes.
• On-chip input protection diodes.
• Capable of being driven directly from 5V operated CMOS, TTL.




Similar Part No. - LB1205M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1205M SANYO-LB1205M Datasheet
55Kb / 2P
   LB1205M
LB1205M SANYO-LB1205M Datasheet
75Kb / 3P
   High-Voltage, Large-Current Darlington Driver
LB1205M SANYO-LB1205M_08 Datasheet
75Kb / 3P
   High-Voltage, Large-Current Darlington Driver
More results


Similar Description - LB1205M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205_08 Datasheet
78Kb / 3P
   High-Voltage, Large-Current Darlington Driver
LB1205M SANYO-LB1205M_08 Datasheet
75Kb / 3P
   High-Voltage, Large-Current Darlington Driver
logo
ON Semiconductor
LB1205 ONSEMI-LB1205 Datasheet
76Kb / 4P
   High-Voltage, Large-Current Darlington Driver
March, 2014
EN1831 ONSEMI-EN1831 Datasheet
82Kb / 4P
   High-Voltage, Large-Current Darlington Driver
March, 2014
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205 Datasheet
70Kb / 2P
   High-Voltage, High- Current Darlington Driver
LB1235 SANYO-LB1235 Datasheet
66Kb / 2P
   High-Voltage, High-Current Darlington Driver?
LB1730 SANYO-LB1730 Datasheet
60Kb / 2P
   High-Voltage, High-Current Darlington Driver
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
Toshiba Semiconductor
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com