Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ15005 Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

GBJ15005 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # GBJ15005
Download  GBJ15005 Download

File Size   290.41 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Glass passivated die construction

GBJ15005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ15005 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # GBJ15005
Download  GBJ15005 Click to download

File Size   290.41 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Glass passivated die construction

GBJ15005 Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd

GBJ15005 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd GBJ15005 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd GBJ15005 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd GBJ15005 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd

GBJ15005 Product details

Features:
• Glass passivated die construction
• Low forward voltage drop
• High current capability
• High surge current capability
• Plastic material-UL flammability 94V-0




Similar Part No. - GBJ15005

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
GBJ15005 CHENDA-GBJ15005 Datasheet
961Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Diotech Company.
GBJ15005 DIOTECH-GBJ15005 Datasheet
853Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBJ15005 SMCDIODE-GBJ15005 Datasheet
350Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. E
logo
Mospec Semiconductor
GBJ15005 MOSPEC-GBJ15005 Datasheet
160Kb / 2P
   Glass Passivated Die Construction
More results


Similar Description - GBJ15005

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N4001G DEC-1N4001G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
logo
Sangdest Microelectroni...
SD560BP SMC-SD560BP Datasheet
191Kb / 5P
   Glass Passivated Die Construction
GBJ35005 SMC-GBJ35005 Datasheet
262Kb / 4P
   Glass passivated die construction
S1A-M SMC-S1A-M Datasheet
145Kb / 4P
   Glass Passivated Die Construction
logo
Diodes Incorporated
ES2D-13-F DIODES-ES2D-13-F Datasheet
120Kb / 4P
   Glass Passivated Die Construction
logo
Sangdest Microelectroni...
DF01 SMC-DF01 Datasheet
149Kb / 4P
   Glass passivated die construction
ABS2U SMC-ABS2U Datasheet
156Kb / 5P
   Glass passivated die construction
logo
Mospec Semiconductor
GBJ15005 MOSPEC-GBJ15005 Datasheet
160Kb / 2P
   Glass Passivated Die Construction
GBU4A MOSPEC-GBU4A Datasheet
190Kb / 2P
   Glass Passivated Die Construction
logo
DIYI Electronic Technol...
GBU6005G DYELEC-GBU6005G Datasheet
2Mb / 2P
   Glass passivated die construction
logo
Diodes Incorporated
S3K-13 DIODES-S3K-13 Datasheet
271Kb / 4P
   Glass Passivated Die Construction
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com