Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ78L05 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ78L05 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # CJ78L05
Download  CJ78L05 Download

File Size   1719.84 Kbytes
Page   4 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description Plastic-Encapsulate Voltage Regulators

CJ78L05 Datasheet (PDF)

Go To PDF Page Download Datasheet
CJ78L05 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ78L05
Download  CJ78L05 Click to download

File Size   1719.84 Kbytes
Page   4 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description Plastic-Encapsulate Voltage Regulators

CJ78L05 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ78L05 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ78L05 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ78L05 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ78L05 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ78L05 Product details

FEATURES

Maximum Outputcurrent

  IOM:  0.1A

Output voltage

  Vo:  5  V 

Operating and storage junction temperature range

  TJ,Tstg: -55℃to +150℃




Similar Part No. - CJ78L05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ78L05 ETC-CJ78L05 Datasheet
976Kb / 2P
   THREE TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Jiangsu Changjiang Elec...
CJ78L05 JIANGSU-CJ78L05 Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05 JIANGSU-CJ78L05 Datasheet
108Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05 JIANGSU-CJ78L05 Datasheet
232Kb / 3P
   Three-terminal positive voltage regulator
logo
Nanjing International G...
CJ78L05 DGNJDZ-CJ78L05 Datasheet
653Kb / 2P
   Three-terminal positive voltage regulator
More results


Similar Description - CJ78L05

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
79L08 SKTECHNOLGY-79L08 Datasheet
2Mb / 3P
   Plastic-Encapsulate Voltage Regulators
logo
Shenzhen Huazhimei Semi...
HM78M12 HMSEMI-HM78M12 Datasheet
306Kb / 1P
   Plastic-Encapsulate Regulators
HM78M08 HMSEMI-HM78M08 Datasheet
302Kb / 1P
   Plastic-Encapsulate Regulators
logo
Microdiode Electronics ...
78L08 CHENDA-78L08 Datasheet
1Mb / 3P
   SOT-89 Plastic-Encapsulate Voltage Regulators
78L09 CHENDA-78L09 Datasheet
1Mb / 3P
   SOT-89 Plastic-Encapsulate Voltage Regulators
logo
Jiangsu Changjiang Elec...
CJ78D05 JIANGSU-CJ78D05 Datasheet
3Mb / 4P
   Plastic-Encapsulate Regulators
logo
Shenzhen Huazhimei Semi...
HM78M06 HMSEMI-HM78M06 Datasheet
347Kb / 1P
   Plastic-Encapsulate Regulators
logo
ZP Semiconductor
CJ7805FH ZPSEMI-CJ7805FH Datasheet
732Kb / 1P
   TO-220F Plastic-Encapsulate Voltage Regulators
logo
Microdiode Electronics ...
78L15 CHENDA-78L15 Datasheet
1Mb / 3P
   SOT-89 Plastic-Encapsulate Voltage Regulators
78L06 CHENDA-78L06 Datasheet
1Mb / 3P
   SOT-89 Plastic-Encapsulate Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com