Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG06600WB-BN4MM Datasheet (PDF) - Littelfuse

MG06600WB-BN4MM Datasheet PDF - Littelfuse
Part # MG06600WB-BN4MM
Download  MG06600WB-BN4MM Download

File Size   1538.53 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600V 600A IGBT Module

MG06600WB-BN4MM Datasheet (PDF)

Go To PDF Page Download Datasheet
MG06600WB-BN4MM Datasheet PDF - Littelfuse

Part # MG06600WB-BN4MM
Download  MG06600WB-BN4MM Click to download

File Size   1538.53 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600V 600A IGBT Module

MG06600WB-BN4MM Datasheet (HTML) - Littelfuse

MG06600WB-BN4MM Datasheet HTML 1Page - Littelfuse MG06600WB-BN4MM Datasheet HTML 2Page - Littelfuse MG06600WB-BN4MM Datasheet HTML 3Page - Littelfuse MG06600WB-BN4MM Datasheet HTML 4Page - Littelfuse MG06600WB-BN4MM Datasheet HTML 5Page - Littelfuse



Similar Part No. - MG06600WB-BN4MM

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MG060C100080A SHINDENGEN-MG060C100080A Datasheet
388Kb / 4P
   Bridge Diodes 800V, 100A
logo
Littelfuse
MG06100S-BN4MM LITTELFUSE-MG06100S-BN4MM Datasheet
1Mb / 5P
   600V 100A IGBT Module
MG06100S-BR1MM LITTELFUSE-MG06100S-BR1MM Datasheet
1Mb / 6P
   600V 100A IGBT Module
MG06150S-BN4MM LITTELFUSE-MG06150S-BN4MM Datasheet
1Mb / 5P
   Medical applications
logo
Shindengen Electric Mfg...
MG061B150080A SHINDENGEN-MG061B150080A Datasheet
460Kb / 4P
   Bridge Diodes 800V, 150A
More results


Similar Description - MG06600WB-BN4MM

ManufacturerPart #DatasheetDescription
logo
MacMic
MMG600K060U6EN MACMIC-MMG600K060U6EN Datasheet
278Kb / 5P
   600V 600A IGBT Module
MMG600WB060B6EN MACMIC-MMG600WB060B6EN Datasheet
541Kb / 6P
   600V 600A IGBT Module
MMG600WB060DAK6EN MACMIC-MMG600WB060DAK6EN Datasheet
414Kb / 5P
   600V 600A IGBT Module
logo
Nihon Inter Electronics...
PHMB600A6 NIEC-PHMB600A6 Datasheet
108Kb / 3P
   IGBT MODULE Single 600A 600V
logo
Micross Components
MIMMG600WB060B6N MICROSS-MIMMG600WB060B6N Datasheet
2Mb / 5P
   600V 600A IGBT Module RoHS Compliant
logo
Fuji Electric
2MBI600NT-060 FUJI-2MBI600NT-060 Datasheet
179Kb / 5P
   IGBT(600V 600A)
logo
MacMic
MMG600WB170B6EN MACMIC-MMG600WB170B6EN Datasheet
543Kb / 6P
   1700V 600A IGBT Module
MMG600K120U6TC MACMIC-MMG600K120U6TC Datasheet
1Mb / 6P
   1200V 600A IGBT Module
June 2020
MMF600S060U MACMIC-MMF600S060U Datasheet
317Kb / 3P
   600V 600A FRED Module
MMG600WB170B6E4N MACMIC-MMG600WB170B6E4N Datasheet
380Kb / 6P
   1700V 600A IGBT Module
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com