Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

693120015011 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

693120015011 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 693120015011
Download  693120015011 Download

File Size   1101.14 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Compac t Flash Card Connector - Header - 50 pins - W R-CRD

693120015011 Datasheet (PDF)

Go To PDF Page Download Datasheet
693120015011 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 693120015011
Download  693120015011 Click to download

File Size   1101.14 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Compac t Flash Card Connector - Header - 50 pins - W R-CRD

693120015011 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.

693120015011 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 693120015011 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 693120015011 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.



Similar Part No. - 693120015011

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
693120025011 WURTH-693120025011 Datasheet
1Mb / 3P
   Compact Flash Card Connector - Header - Reverse type 50 pins
693120035011 WURTH-693120035011 Datasheet
1Mb / 3P
   Compact Flash Card Connector - Header - Shrouded type 50 pins
More results


Similar Description - 693120015011

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
693120035011 WURTH-693120035011 Datasheet
1Mb / 3P
   Compact Flash Card Connector - Header - Shrouded type 50 pins
693120025011 WURTH-693120025011 Datasheet
1Mb / 3P
   Compact Flash Card Connector - Header - Reverse type 50 pins
693072010801 WURTH-693072010801 Datasheet
894Kb / 3P
   WR-CRD - Micro S D Card Connector - Hinge - 8 pins
693012040811 WURTH-693012040811 Datasheet
430Kb / 3P
   WR-CRD Mini SIM_Hinge type_6 pins
693013050811 WURTH-693013050811 Datasheet
1,005Kb / 4P
   WR-CRD Mega SIM_Push and Push_8 pins
693030010810 WURTH-693030010810 Datasheet
940Kb / 2P
   WR-CRD Smart Card_Standard Header
693071020811 WURTH-693071020811 Datasheet
697Kb / 8P
   WR-CRD Micro SD Card Connector
002.000
693030021610 WURTH-693030021610 Datasheet
818Kb / 3P
   WR-CRD Smart Card_Dual Way Header
693021010811 WURTH-693021010811 Datasheet
1Mb / 4P
   WR-CRD - MICRO SIM - PUSH & PUSH TYPE - 8 PINS
693071010811 WURTH-693071010811 Datasheet
507Kb / 8P
   WR-CRD Micro SD Card Connector
001.002
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com