Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC204MS8G Datasheet (PDF) - Analog Devices

HMC204MS8G Datasheet PDF - Analog Devices
Part # HMC204MS8G
Download  HMC204MS8G Download

File Size   216.46 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wireless Local Loop

HMC204MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC204MS8G Datasheet PDF - Analog Devices

Part # HMC204MS8G
Download  HMC204MS8G Click to download

File Size   216.46 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wireless Local Loop

HMC204MS8G Datasheet (HTML) - Analog Devices

HMC204MS8G Datasheet HTML 1Page - Analog Devices HMC204MS8G Datasheet HTML 2Page - Analog Devices HMC204MS8G Datasheet HTML 3Page - Analog Devices HMC204MS8G Datasheet HTML 4Page - Analog Devices

HMC204MS8G Product details

General Description
The HMC204MS8G & HMC204MS8GE are passive miniature frequency doublers in 8 lead MSOP surface mount packages. Suppression of undesired fundamental and higher order harmonics is 42 dB typical with respect to input signal level. The doubler utilizes the same GaAs Schottky diode/balun technology found in Hittite MMIC mixers. It requires no DC bias and adds no measurable phase noise onto the multiplied signal.

Features
   Conversion Loss: 17 dB
   Fo, 3Fo, 4Fo Isolation: 42 dB
   Passive: No Bias Required
   Ultra Small Package: MSOP8

Typical Applications
The HMC204MS8G / HMC204MS8GE is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Point-to-Point Radios
• UNII & HiperLAN
• Test Equipment




Similar Part No. - HMC204MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204MS8G HITTITE-HMC204MS8G Datasheet
144Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G Datasheet
146Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_08 Datasheet
146Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
More results


Similar Description - HMC204MS8G

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC331 MICROSS-HMC331 Datasheet
819Kb / 7P
   Wireless Local Loop
logo
Analog Devices
HMC245AQS16 AD-HMC245AQS16 Datasheet
299Kb / 6P
   Wireless Local Loop
logo
API Technologies Corp
CMD207 APITECH-CMD207 Datasheet
115Kb / 1P
   Wireless Local Loop Duplexer
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
   Wireless Local Loop Duplexer
CMD222 APITECH-CMD222 Datasheet
109Kb / 1P
   Wireless Local Loop Duplexer
CMD134 APITECH-CMD134 Datasheet
112Kb / 1P
   2.4 Wireless Local Loop Duplexer
CMD127 APITECH-CMD127 Datasheet
115Kb / 1P
   2.4 Wireless Local Loop Duplexer
CMD135 APITECH-CMD135 Datasheet
116Kb / 1P
   5.3 Wireless Local Loop Duplexer
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G Datasheet
393Kb / 6P
   Wireless Local Loop Driver Amplifier
logo
Mitsubishi Electric Sem...
MF1049-2 MITSUBISHI-MF1049-2 Datasheet
98Kb / 1P
   FOR WIRELESS LOCAL LOOP, Tx
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com