Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC702LP6CE Datasheet (PDF) - Analog Devices

HMC702LP6CE Datasheet PDF - Analog Devices
Part # HMC702LP6CE
Download  HMC702LP6CE Download

File Size   1479.8 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14 GHz 16-BIT FRACTIONAL-N PLL

HMC702LP6CE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC702LP6CE Datasheet PDF - Analog Devices

Part # HMC702LP6CE
Download  HMC702LP6CE Click to download

File Size   1479.8 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14 GHz 16-BIT FRACTIONAL-N PLL

HMC702LP6CE Datasheet (HTML) - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 1Page - Analog Devices HMC702LP6CE Datasheet HTML 2Page - Analog Devices HMC702LP6CE Datasheet HTML 3Page - Analog Devices HMC702LP6CE Datasheet HTML 4Page - Analog Devices HMC702LP6CE Datasheet HTML 5Page - Analog Devices HMC702LP6CE Datasheet HTML 6Page - Analog Devices HMC702LP6CE Datasheet HTML 7Page - Analog Devices HMC702LP6CE Datasheet HTML 8Page - Analog Devices HMC702LP6CE Datasheet HTML 9Page - Analog Devices HMC702LP6CE Datasheet HTML 10Page - Analog Devices Next Button 

HMC702LP6CE Product details

General Description
the HMc702LP6cE is a SiGe BicMoS fractional-n PLL. the fractional-n PLL includes a fixed divide by 2 followed by a 8GHz 16-bit rF n-Divider, a 24-bit delta-sigma modulator, a very low noise digital phase frequency detector (PFD), and a precision controlled charge pump.

Features
•  Fractional or integer Modes
•  14 GHz, 16-Bit rF n-counter
•  24-Bit Step Size resolution, 6 Hz typ
•  Ultra Low Phase noise 12 GHz, 50 MHz ref. -98 / -103 dBc/Hz @ 20 kHz (Frac / integer)
•  reference Path input: 200 MHz
•  14-Bit reference Path Divider
•  Low Fractional Spurious
•  reference spurs: -90 dBc typ
•  auto and triggered Sweeper Functions
•  cycle Slip Prevention (cSP) for fast settling
•  auxiliary clock Source
•  40 Lead 6x6mm SMt Package: 36mm²

Typical Applications
•  Base Stations for Mobile radio (GSM, PcS, DcS, cDMa, WcDMa)
•  Wireless Lans, WiMax
•  communications test Equipment
•  catV Equipment
•  FMcW Sensors
•  automotive radar
•  Phased-array Systems




Similar Part No. - HMC702LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 36P
   14 GHz 16-BIT FRACTIONAL-N PLL
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
   14 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
   14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
   14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
   14 GHz 16-BIT FRACTIONAL-N PLL
More results


Similar Description - HMC702LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
   14 GHz 16-BIT FRACTIONAL-N PLL
HMC700LP4 HITTITE-HMC700LP4 Datasheet
882Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
logo
Analog Devices
HMC700LP4 AD-HMC700LP4 Datasheet
980Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
   14 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
   14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
   8 GHz 16-Bit Fractional-N Synthesizer
HMC701LP6C HITTITE-HMC701LP6C_10 Datasheet
1Mb / 46P
   8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com