Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP32451 Datasheet (PDF) - Vishay Siliconix

SIP32451 Datasheet PDF - Vishay Siliconix
Part # SIP32451
Download  SIP32451 Download

File Size   201.75 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low logic control with hysteresis

SIP32451 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32451 Datasheet PDF - Vishay Siliconix

Part # SIP32451
Download  SIP32451 Click to download

File Size   201.75 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low logic control with hysteresis

SIP32451 Datasheet (HTML) - Vishay Siliconix

Back Button SIP32451 Datasheet HTML 1Page - Vishay Siliconix SIP32451 Datasheet HTML 2Page - Vishay Siliconix SIP32451 Datasheet HTML 3Page - Vishay Siliconix SIP32451 Datasheet HTML 4Page - Vishay Siliconix SIP32451 Datasheet HTML 5Page - Vishay Siliconix SIP32451 Datasheet HTML 6Page - Vishay Siliconix SIP32451 Datasheet HTML 7Page - Vishay Siliconix SIP32451 Datasheet HTML 8Page - Vishay Siliconix SIP32451 Datasheet HTML 9Page - Vishay Siliconix SIP32451 Datasheet HTML 10Page - Vishay Siliconix Next Button 

SIP32451 Product details

DESCRIPTION
SiP32451, SiP32452 and SiP32453 are n-channel integrated high side load switches that operate from 0.9 V to 2.5 V input voltage range.
SiP32451, SiP32452 and SiP32453 have low input logic control threshold that can interface with low voltage control GPIO directly without extra level shift or driver. There is a pull down at this EN logic control pin.
Turn on time is fast, less than 25 µs typically for input voltage of 1.2 V or higher. SiP32451 and SiP32452 have fast turn off delay time of less than 1 µs while SiP32453 features a guaranteed turn off delay of greater than 30 µs, typically 90 µs.
SiP32451 features an output discharge for fast turn off. SiP32451, SiP32452 and SiP32453 are available in compact wafer level CSP package, WCSP4 0.8 mm x 0.8 mm with 0.4 mm pitch.

FEATURES
• Low input voltage, 0.9 V to 2.5 V
• Low RON, 55 m typical
• Fast turn on time
• Low logic control with hysteresis
• Reverse current blocking when disabled
• Integrated pull down at EN pin
• Output discharge (SiP32451)
• 4 bump WCSP 0.8 mm x 0.8 mm with 0.4 mm pitch package
• Material categorization: For definitions of

APPLICATIONS
• Battery operated devices
• Smart phones
• GPS and PMP
• Computer
• Medical and healthcare equipment
• Industrial and instrument
• Cellular phones and portable media players
• Game console




Similar Part No. - SIP32451

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIP32451 TFUNK-SIP32451 Datasheet
199Kb / 13P
   0.9 V to 2.5 V, 55 m Load Switch in WCSP4
logo
Vishay Siliconix
SIP32451 VISHAY-SIP32451 Datasheet
200Kb / 12P
   0.9 V to 2.5 V, 55 m??Load Switch in WCSP4
01-Jan-2022
SIP32451DB-T2-GE1 VISHAY-SIP32451DB-T2-GE1 Datasheet
200Kb / 12P
   0.9 V to 2.5 V, 55 m??Load Switch in WCSP4
01-Jan-2022
More results


Similar Description - SIP32451

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Microchip Technology
TC07 MICROCHIP-TC07 Datasheet
250Kb / 12P
   3V Logic Output Temperature Sensor with Programmable Hysteresis
2005
logo
TelCom Semiconductor, I...
TC07 TELCOM-TC07 Datasheet
46Kb / 3P
   3V LOGIC OUTPUT TEMPERATURE SENSOR WITH PROGRAMMABLE HYSTERESIS
logo
Texas Instruments
TPS22934 TI-TPS22934 Datasheet
982Kb / 25P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
logo
Maxim Integrated Produc...
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX9179 MAXIM-MAX9179 Datasheet
291Kb / 11P
   Quad LVDS Receiver with Hysteresis
Rev 0; 2/03
logo
Power Integrations, Inc...
DI-101 POWERINT-DI-101 Datasheet
240Kb / 2P
   Under-Voltage with Wide Hysteresis
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com