Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-SD300N Datasheet (PDF) - Vishay Siliconix

VS-SD300N Datasheet PDF - Vishay Siliconix
Part # VS-SD300N
Download  VS-SD300N Download

File Size   210.96 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 380 A

VS-SD300N Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-SD300N Datasheet PDF - Vishay Siliconix

Part # VS-SD300N
Download  VS-SD300N Click to download

File Size   210.96 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 380 A

VS-SD300N Datasheet (HTML) - Vishay Siliconix

VS-SD300N Datasheet HTML 1Page - Vishay Siliconix VS-SD300N Datasheet HTML 2Page - Vishay Siliconix VS-SD300N Datasheet HTML 3Page - Vishay Siliconix VS-SD300N Datasheet HTML 4Page - Vishay Siliconix VS-SD300N Datasheet HTML 5Page - Vishay Siliconix VS-SD300N Datasheet HTML 6Page - Vishay Siliconix VS-SD300N Datasheet HTML 7Page - Vishay Siliconix VS-SD300N Datasheet HTML 8Page - Vishay Siliconix

VS-SD300N Product details

FEATURES
• Wide current range
• High voltage ratings up to 3200 V
• High surge current capabilities
• Stud cathode and stud anode version
• Standard JEDEC® types
• Compression bonded encapsulations
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications




Similar Part No. - VS-SD300N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD300NR VISHAY-VS-SD300NR Datasheet
199Kb / 8P
   Standard Recovery Diodes, (Stud Version), 380 A
01-Jan-2022
More results


Similar Description - VS-SD300N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD300NR VISHAY-VS-SD300NR Datasheet
199Kb / 8P
   Standard Recovery Diodes, (Stud Version), 380 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com