Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDK106M050A9GAA Datasheet (PDF) - Kemet Corporation

EDK106M050A9GAA Datasheet PDF - Kemet Corporation
Part # EDK106M050A9GAA_17
Download  EDK106M050A9GAA Download

File Size   74.08 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Aluminum Electrolytic, 85C, EDK, 10 uF, 20%, 50 V, -40/85C

EDK106M050A9GAA Datasheet (PDF)

Go To PDF Page Download Datasheet
EDK106M050A9GAA Datasheet PDF - Kemet Corporation

Part # EDK106M050A9GAA_17
Download  EDK106M050A9GAA Click to download

File Size   74.08 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Aluminum Electrolytic, 85C, EDK, 10 uF, 20%, 50 V, -40/85C

EDK106M050A9GAA Datasheet (HTML) - Kemet Corporation

EDK106M050A9GAA_17 Datasheet HTML 1Page - Kemet Corporation



Similar Part No. - EDK106M050A9GAA_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK106M050A9GAA KEMET-EDK106M050A9GAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
More results


Similar Description - EDK106M050A9GAA_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK226M050A9GAA KEMET-EDK226M050A9GAA Datasheet
73Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 22 uF, 20%, 50 V, -40/85C
EDK225M050A9BAA KEMET-EDK225M050A9BAA_17 Datasheet
73Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 2.2 uF, 20%, 50 V, -40/85C
EDK108M010A9PAA KEMET-EDK108M010A9PAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 1000 uF, 20%, 10 V, -40/85C
EDK336M050A9MAA KEMET-EDK336M050A9MAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 33 uF, 20%, 50 V, -40/85C
EDK106M035A9BAA KEMET-EDK106M035A9BAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 10 uF, 20%, 35 V, -40/85C
EDK108M6R3A9PAA KEMET-EDK108M6R3A9PAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 1000 uF, 20%, 6.3 V, -40/85C
EDK107M063A9PAA KEMET-EDK107M063A9PAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 100 uF, 20%, 63 V, -40/85C
EDK227M050A9PAA KEMET-EDK227M050A9PAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 220 F, 20%, 50 V, -40/85C
EDK227M035A9MAA KEMET-EDK227M035A9MAA Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 220 uF, 20%, 35 V, -40/85C
EDK227M010A9HAA KEMET-EDK227M010A9HAA_17 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, EDK, 220 F, 20%, 10 V, -40/85C
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com