Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N539XGP Datasheet (PDF) - Vishay Siliconix

1N539XGP Datasheet PDF - Vishay Siliconix
Part # 1N539XGP
Download  1N539XGP Download

File Size   77.37 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Plastic Rectifier

1N539XGP Datasheet (PDF)

Go To PDF Page Download Datasheet
1N539XGP Datasheet PDF - Vishay Siliconix

Part # 1N539XGP
Download  1N539XGP Click to download

File Size   77.37 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Junction Plastic Rectifier

1N539XGP Datasheet (HTML) - Vishay Siliconix

1N539XGP Datasheet HTML 1Page - Vishay Siliconix 1N539XGP Datasheet HTML 2Page - Vishay Siliconix 1N539XGP Datasheet HTML 3Page - Vishay Siliconix 1N539XGP Datasheet HTML 4Page - Vishay Siliconix

1N539XGP Product details

FEATURES
• Superectifier structure for high reliability application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Low leakage current, typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106

TYPICAL APPLICATIONS
   For use in general purpose rectification of power supplies, inverters, converters, and freewheeling diodes application




Similar Part No. - 1N539XGP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
76Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N539XGP VISHAY-1N539XGP_V01 Datasheet
76Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results


Similar Description - 1N539XGP

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30A VISHAY-GP30A Datasheet
75Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP15A VISHAY-GP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com