Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250RMI-V Datasheet (PDF) - Vishay Siliconix

250RMI-V Datasheet PDF - Vishay Siliconix
Part # 250RMI-V
Download  250RMI-V Download

File Size   120.53 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability

250RMI-V Datasheet (PDF)

Go To PDF Page Download Datasheet
250RMI-V Datasheet PDF - Vishay Siliconix

Part # 250RMI-V
Download  250RMI-V Click to download

File Size   120.53 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability

250RMI-V Datasheet (HTML) - Vishay Siliconix

250RMI-V Datasheet HTML 1Page - Vishay Siliconix 250RMI-V Datasheet HTML 2Page - Vishay Siliconix 250RMI-V Datasheet HTML 3Page - Vishay Siliconix 250RMI-V Datasheet HTML 4Page - Vishay Siliconix 250RMI-V Datasheet HTML 5Page - Vishay Siliconix 250RMI-V Datasheet HTML 6Page - Vishay Siliconix 250RMI-V Datasheet HTML 7Page - Vishay Siliconix 250RMI-V Datasheet HTML 8Page - Vishay Siliconix

250RMI-V Product details

• Very long useful life: 7000 h to 10 000 h at
105 °C, high stability, high reliability
• Very low impedance and low ESR in smaller
case sizes than the 136 RVI series
• Excellent ripple current capability
• High vibration resistance up to 50 g
• AEC-Q200 qualified
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte
• Radial leads, cylindrical aluminum case, insulated with a
blue sleeve
• Charge and discharge proof




Similar Part No. - 250RMI-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
250RMI-V VISHAY-250RMI-V Datasheet
117Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
01-Jan-2023
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
01-Jan-2023
More results


Similar Description - 250RMI-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
01-Jan-2023
246RTI-V VISHAY-246RTI-V Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
Revision: 14-Mar-17
246RTI-V VISHAY-246RTI-V_V01 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
01-Jan-2023
260RLA-V VISHAY-260RLA-V_V01 Datasheet
129Kb / 8P
   Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance, High Vibration Capability
01-Jan-2023
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
246CTI-V VISHAY-246CTI-V Datasheet
135Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
Revision: 12-Apr-17
260CLA-V VISHAY-260CLA-V Datasheet
141Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance High Vibration Capability
Revision: 12-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com