Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2764A-2F1 Datasheet (PDF) - STMicroelectronics

M2764A-2F1 Datasheet PDF - STMicroelectronics
Part # M2764A-2F1
Download  M2764A-2F1 Download
File Size   109.11 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 64K (8K x 8) UV EPROM

M2764A-2F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M2764A-2F1 Datasheet PDF - STMicroelectronics

Part # M2764A-2F1
Download  M2764A-2F1 Click to download

File Size   109.11 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 64K (8K x 8) UV EPROM

M2764A-2F1 Datasheet (HTML) - STMicroelectronics


M2764A-2F1 Product details

DESCRIPTION

The M2764A is a 65,536 bit UV erasable and electrically programmable memory EPROM. It is

organized as 8,192 words by 8 bits.

The M27C64A is housed in a 28 pin Window Ceramic Frit-Seal Dual-in-Line package. The trans

parent lid allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new

pattern can then be written to the device by follow ing the programming procedure.



FAST ACCESS TIME: 180ns

EXTENDED TEMPERATURE RANGE

SINGLE 5V SUPPLY VOLTAGE

LOW STANDBY CURRENT: 35mA max

TTL COMPATIBLE DURING READ and PROGRAM

FAST PROGRAMMING ALGORITHM

ELECTRONIC SIGNATURE

PROGRAMMING VOLTAGE: 12V




Similar Part No. - M2764A-2F1

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M2764A-25 INTEL-M2764A-25 Datasheet
622Kb / 9P
AVDVANCED 64K (8K x 8) UV ERASABLE PROM
More results


Similar Description - M2764A-2F1

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2708 NTE-NTE2708 Datasheet
30Kb / 4P
Integrated Circuit NMOS, 8K UV EPROM, 450ns
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
NMOS 512K 64K x 8 UV EPROM
Nov-2000
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
64K (8K x 8) UV EPROM and OTP ROM
Mar-1995
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com